Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FS4500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 7Page - NXP Semiconductors FS4500 Datasheet HTML 8Page - NXP Semiconductors FS4500 Datasheet HTML 9Page - NXP Semiconductors FS4500 Datasheet HTML 10Page - NXP Semiconductors FS4500 Datasheet HTML 11Page - NXP Semiconductors FS4500 Datasheet HTML 12Page - NXP Semiconductors FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors FS4500 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
11 / 20
Symbol
Ratings
Value
Unit
Notes
ESD voltage
VESD-HBM1
VESD-HBM2
VESD-HBM3
VESD-HBM4
Human body model (JESD22/A114) – 100 pF, 1.5 kΩ
• All pins
• VSUP1,2,3, VSENSE, VAUX, IO_0,4, FS0B, FS1B, DEBUG
• CANH, CANL
• LIN
±2.0
±4.0
±6.0
±8.0
kV
kV
kV
kV
VESD-CDM1
VESD-CDM2
Charge device model (JESD22/C101):
• All pins
• Corner pins
±500
±750
V
V
System level ESD (gun test)
• VSUP1, 2, 3, VSENSE, VAUX, IO_0, 4, 5, FS0B, FS1B
VESD-GUN1
330 Ω/150 pF unpowered according to IEC61000-4-2
±8.0
kV
VESD-GUN2
330 Ω/150 pF unpowered according to OEM LIN, CAN, FLexray
Conformance
±8.0
kV
VESD-GUN3
2.0 kΩ/150 pF unpowered according to ISO10605.2008
±8.0
kV
VESD-GUN4
2.0 kΩ/330 pF powered according to ISO10605.2008
• CANH, CANL
±8.0
kV
VESD-GUN5
330 Ω/150 pF unpowered according to IEC61000-4-2
±15.0
kV
VESD-GUN6
330 Ω/150 pF unpowered according to OEM LIN, CAN, FLexray
conformance
±12.0
kV
VESD-GUN7
2.0 kΩ/150 pF unpowered according to ISO10605.2008
±15.0
kV
VESD-GUN8
2.0 kΩ/330 pF powered according to ISO10605.2008
• LIN
±12.0
kV
VESD-GUN9
330 Ω/150 pF unpowered according to IEC61000-4-2:
±12.0
kV
VESD-GUN10
330 Ω/150 pF unpowered according to OEM LIN, CAN, flexray conformance ±12.0
kV
VESD-GUN11
2.0 kΩ/150 pF unpowered according to ISO10605.2008
±12.0
kV
VESD-GUN12
2.0 kΩ/330 pF powered according to ISO10605.2008
±12.0
kV
[2]
Thermal ratings
TA
Ambient temperature
–40 to 125
°C
TJ
Junction temperature
–40 to 150
°C
TSTG
Storage temperature
–55 to 150
°C
Thermal resistance
RθJA
Thermal resistance junction to ambient
30
°C/W
[3]
RθJCTOP
Thermal resistance junction to case top
23.8
°C/W
[4]
RθJCBOTTOM
Thermal resistance junction to case bottom
0.9
°C/W
[5]
[1]
All VSUPs (VSUP1/2/3) must be connected to the same supply
[2]
Compared to AGND
[3]
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal
[4]
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC - 883 Method 1012.1).
[5]
Thermal resistance between the die and the solder pad on the bottom of the packaged based on simulation without any interface resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com