Electronic Components Datasheet Search
  English  ▼

X  

MCP1799 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1799 Datasheet HTML 1Page - Microchip Technology MCP1799 Datasheet HTML 2Page - Microchip Technology MCP1799 Datasheet HTML 3Page - Microchip Technology MCP1799 Datasheet HTML 4Page - Microchip Technology MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 5
MCP1799
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Thermal Shutdown
TSD
180
°C
Rising Temperature
Thermal Shutdown Hysteresis
TSD
—
22
°C
Falling Temperature
Thermal Package Resistances
Thermal Resistance,
SOT23-3LD
JA
—
212
—
°C/W
JEDEC® standard 4 layer FR4 board
with 1 oz. copper
JC
—139
—
Thermal Resistance,
SOT223-3LD
JA
—70
—
JC
—60
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com