Electronic Components Datasheet Search
  English  ▼

X  

MCP1799 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 5Page - Microchip Technology MCP1799 Datasheet HTML 6Page - Microchip Technology MCP1799 Datasheet HTML 7Page - Microchip Technology MCP1799 Datasheet HTML 8Page - Microchip Technology MCP1799 Datasheet HTML 9Page - Microchip Technology MCP1799 Datasheet HTML 10Page - Microchip Technology MCP1799 Datasheet HTML 11Page - Microchip Technology MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 9
MCP1799
Note: Unless otherwise indicated, CIN =COUT = 1 µF ceramic (X7R), IOUT =1 mA, TA = +25°C, VIN =VR +1.2V.
FIGURE 2-18:
Load Step Response
(VR = 3.3V).
FIGURE 2-19:
Load Step Response
(VR = 5.0V).
FIGURE 2-20:
Line Step Response
(VR = 3.3V).
FIGURE 2-21:
Line Step Response
(VR = 5.0V).
FIGURE 2-22:
Start-up (VR = 3.3V).
FIGURE 2-23:
Start-up (VR = 5.0V).
VOUT
Step from 1 mA to 80 mA
40 µs/div
IOUT
50 mA/div
50 mV/div, BW = 20 MHz
3.3V DC Offset
VOUT
40 µs/div
IOUT
50 mA/div
50 mV/div, BW = 20 MHz
5V DC Offset
Step from 1 mA to 80 mA
VOUT
40 µs/div
50 mV/div, BW = 20 MHz
3.3V DC Offset
VIN
5V/div, BW = 20 MHz
4.5V DC Offset
Rise and Fall
Slope = 1V/µs
IOUT = 10 mA
Step from 4.5V to 14V
VOUT
40 µs/div
50 mV/div, BW = 20 MHz
5V DC Offset
VIN
5V/div, BW = 20 MHz
6.2V DC Offset
Rise and Fall
Slope = 1V/µs
IOUT = 10 mA
Step from 6.2V to 14V
VIN
14V
200 µs/div
5V/div
VOUT
1V/Div
Rise Slope = 1V/µs
IOUT = 10 mA
VIN
14V
200 µs/div
5V/div
VOUT
1V/Div
Rise Slope = 1V/µs
IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com