Electronic Components Datasheet Search
  English  ▼

X  

XG5 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # XG5
Description  XG5 SERIES CLIENT SSD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

XG5 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  XG5 Datasheet HTML 1Page - Toshiba Semiconductor XG5 Datasheet HTML 2Page - Toshiba Semiconductor XG5 Datasheet HTML 3Page - Toshiba Semiconductor XG5 Datasheet HTML 4Page - Toshiba Semiconductor XG5 Datasheet HTML 5Page - Toshiba Semiconductor XG5 Datasheet HTML 6Page - Toshiba Semiconductor XG5 Datasheet HTML 7Page - Toshiba Semiconductor XG5 Datasheet HTML 8Page - Toshiba Semiconductor XG5 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 / 13
Copyright © 2017 Toshiba Memory Corporation. All rights reserved.
Client SSD XG5 Series Brochure Rev.1.00
Products and specifications discussed herein are for reference purposes
only and are subject to change without notice. All information discussed
herein is provided on an “as is” basis, without warranties of any kind.
Before creating and producing designs and using, customers must refer to
and comply with the latest versions of the product specifications.
SSD
* Availability of the SED model line-up may vary by region.
Standard Models
M.2 2280-S2
(Single-sided)
Model Number
KXG50ZNV256G
KXG5AZNV256G
KXG50ZNV512G
KXG5AZNV512G
KXG50ZNV1T02
KXG5AZNV1T02
Memory
TOSHIBA BiCS FLASHTM
Interface
PCI Express® Base Specification Revision 3.1 (PCIe®)
Maximum Speed
32 GT/s (PCIe® Gen3×4 Lane)
Command
NVM ExpressTM Revision 1.2.1 (NVMeTM)
Connector Type
M.2 M
Formatted Capacity1)
256 GB
512 GB
1,024 GB
Performance2)
(Up to)
Sequential
Read
2,700 MB/s {2,580 MiB/s}
3,000 MB/s {2,900 MiB/s}
Sequential
Write
1,050 MB/s {1,000 MiB/s}
2,100 MB/s {2,000 MiB/s}
Supply Voltage
3.3 V ±5 %
Power
Consumption
Active
4.0 W typ.
4.3 W typ.
4.5 W typ.
L1.2 mode
3 mW typ.
Size
80.0 mm x 22.0 mm x 2.23 mm
Weight
7.0 g typ.
7.3 g typ.
KEY FEATURES
Toshiba 64-Layer BiCS FLASHTM
PCIeⓇ Gen3*4L NVMeTM
Capacities up to 1024GB
M.2 2280 Single-sided
TCG OPAL 2.01 Optional for SED
APPLICATIONS
Thin performance Notebook
Enthusiast Desktop/Laptop
Mainstream PC Computing
Server/Storage Boot
XG5 SERIES
CLIENT SSD
XG5 series SSDs feature Toshiba’s latest 64-layer, 3D TLC (3-bit-per-cell) flash memory BiCS
FLASH™. This new line of NVMe™ based client SSDs deliver high performance up to 3000
MB/s of sequential read and 2100 MB/s of sequential write with a maximum interface
bandwidth of 32 GT/s. XG5 series SSDs also feature an SLC cache to accelerate burst type
workloads, as well as improved power consumption comparing to prior generation XG3,
making these SSDs an efficient option for high performance mobile computing.
XG5 Series SSDs are available in 256GB, 512GB and 1024GB capacities in compact single-
sided M.2 2280 form factors.
Self-encrypting drive (SED) models supporting TCG Opal Version 2.01 are also offered,
making the new series highly suited to address data security needs for commercial PCs or
other business applications.
Product image may represent a design model
SPECIFICATIONS


Similar Part No. - XG5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
IDC Sockets for Discrete Wires
logo
List of Unclassifed Man...
Xg5 ETC2-Xg5 Datasheet
328Kb / 2P
AC/DC Power Supply
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
919Kb / 10P
IDC Sockets for Discrete Wires
logo
Epson Company
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
LOW-JITTER SAW OSCILLATOR (SPSO)
logo
Omron Electronics LLC
XG5M-103-N OMRON-XG5M-103-N Datasheet
967Kb / 10P
IDC Sockets for Discrete Wires
More results

Similar Description - XG5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDDC24-24P-NM ETC2-HDDC24-24P-NM Datasheet
1Mb / 12P
Client Side Antennas
logo
Level One
GEL-2681 LVL1-GEL-2681 Datasheet
379Kb / 4P
DHCP Client/Server
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
DHCP Client/Server
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
List of Unclassifed Man...
CL4100 ETC2-CL4100 Datasheet
356Kb / 1P
Client SSD: 120GB - 240GB - 480GB CL4111
logo
Toshiba Semiconductor
SG6 TOSHIBA-SG6 Datasheet
1Mb / 21P
CLIENT SSD(Non-SED Model)
logo
Intel Corporation
SSDPE2KX080T8OS INTEL-SSDPE2KX080T8OS Datasheet
55Kb / 3P
SSD DC P4510 SERIES 8.0TB 2.5I Intel짰 SSD DC P4510 Series
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
CLIENT SSD
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
CLIENT MOBILE HDD
Rev. 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com