Electronic Components Datasheet Search
  English  ▼

X  

XG5 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # XG5
Description  XG5 SERIES CLIENT SSD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

XG5 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button XG5 Datasheet HTML 5Page - Toshiba Semiconductor XG5 Datasheet HTML 6Page - Toshiba Semiconductor XG5 Datasheet HTML 7Page - Toshiba Semiconductor XG5 Datasheet HTML 8Page - Toshiba Semiconductor XG5 Datasheet HTML 9Page - Toshiba Semiconductor XG5 Datasheet HTML 10Page - Toshiba Semiconductor XG5 Datasheet HTML 11Page - Toshiba Semiconductor XG5 Datasheet HTML 12Page - Toshiba Semiconductor XG5 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 / 13
Copyright © 2017 Toshiba Memory Corporation. All rights reserved.
Client SSD XG5 Series Brochure Rev.1.00
Products and specifications discussed herein are for reference purposes
only and are subject to change without notice. All information discussed
herein is provided on an “as is” basis, without warranties of any kind.
Before creating and producing designs and using, customers must refer to
and comply with the latest versions of the product specifications.
PIN ASSIGNMENT ON M.2 2280 MODULE CONNECTOR
Pin #
Name
Description
Pin #
Name
Description
1
GND
GND
2
+3.3V
3.3 V Source
3
GND
GND
4
+3.3V
3.3 V Source
5
PETn3
PCIe Lane 3
Device Transmitter
6
Reserved
NC
7
PETp3
8
Reserved
NC
9
GND
GND
10
LED1#
Device Activity
11
PERn3
PCIe Lane 3
Device Receiver
12
+3.3V
3.3 V Source
13
PERp3
14
+3.3V
3.3 V Source
15
GND
GND
16
+3.3V
3.3 V Source
17
PETn2
PCIe Lane 2
Device Transmitter
18
+3.3V
3.3 V Source
19
PETp2
20
Reserved
NC
21
GND
GND
22
Reserved
NC
23
PERn2
PCIe Lane 2
Device Receiver
24
Reserved
NC
25
PERp2
26
Reserved
NC
27
GND
GND
28
Reserved
NC
29
PETn1
PCIe Lane 1
Device Transmitter
30
Reserved
NC
31
PETp1
32
Reserved
NC
33
GND
GND
34
Reserved
NC
35
PERn1
PCIe Lane 1
Device Receiver
36
Reserved
NC
37
PERp1
38
Reserved
NC
39
GND
GND
40
Reserved
NC
41
PETn0
PCIe Lane 0
Device Transmitter
42
Reserved
NC
43
PETp0
44
Reserved
NC
45
GND
GND
46
Reserved
NC
47
PERn0
PCIe Lane 0
Device Receiver
48
Reserved
NC
49
PERp0
50
PERST# 1)
PE-Reset
51
GND
GND
52
CLKREQ#
Clock Request
53
REFCLKn
PCIe Reference Clock
54
PEWAKE#
NC
55
REFCLKp
PCIe Reference Clock
56
MFG1
Manufacturing pin. Must be no-
connect on the host board.
57
GND
GND
58
MFG2
Notch
Notch
67
Reserved
NC
68
SUSCLK
NC
69
PEDET
NC-PCIe
70
+3.3V
3.3 V Source
71
GND
GND
72
+3.3V
3.3 V Source
73
GND
GND
74
+3.3V
3.3 V Source
75
GND
GND
Note: 1) The driv
e can’t detect PERST# in L1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com