Electronic Components Datasheet Search
  English  ▼

X  

9554 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9554
Description  9554 Multi-Conductor - 300V Power-Limited Tray Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9554 Datasheet(HTML) 1 Page - Belden Inc.

  9554 Datasheet HTML 1Page - Belden Inc. 9554 Datasheet HTML 2Page - Belden Inc. 9554 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation, overall Beldfoil®
shield (100% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors # Pairs AWG Stranding Conductor Material
8
4
18
19x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.432
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
18
7x26
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 1.3462
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Cabling Lay Length & Direction:
Direction
Left-hand Lay
Overall Nominal Diameter:
11.836 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red and Numbered 1
2
Black & Red and Numbered 2
3
Black & Red and Numbered 3
4
Black & Red and Numbered 4
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +105°C
UL Temperature Rating:
105°C
Bulk Cable Weight:
148.820 Kg/Km
Max. Recommended Pulling Tension:
462.613 N
Page 1 of 3
10-08-2020
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9554 Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 9554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9554 ETC2-9554 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Molex Electronics Ltd.
95540-2881 MOLEX11-95540-2881 Datasheet
125Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
95540-6880 MOLEX11-95540-6880 Datasheet
129Kb / 3P
Modular Jack, Right Angle, Shielded, Low Profile, 8/8
More results

Similar Description - 9554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351331 ETC2-1351331 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
23509 BELDEN-23509 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
11-09-2012
23527 BELDEN-23527 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
1192A BELDEN-1192A Datasheet
101Kb / 3P
Multi-Conductor
1502P BELDEN-1502P Datasheet
101Kb / 3P
Multi-Conductor
1502SB BELDEN-1502SB Datasheet
105Kb / 3P
Multi-Conductor
1503A BELDEN-1503A Datasheet
100Kb / 3P
Multi-Conductor
8412 BELDEN-8412 Datasheet
98Kb / 2P
8412 Multi-Conductor - Two-Conductor, Low-Impedance Cable
01-05-2017
8451 BELDEN-8451_V01 Datasheet
99Kb / 3P
8451 Multi-Conductor - Single-Pair Cable
08-26-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com