Electronic Components Datasheet Search
  English  ▼

X  

9554 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9554
Description  9554 Multi-Conductor - 300V Power-Limited Tray Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9554 Datasheet(HTML) 2 Page - Belden Inc.

  9554 Datasheet HTML 1Page - Belden Inc. 9554 Datasheet HTML 2Page - Belden Inc. 9554 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min. Bend Radius/Minor Axis:
114.300 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG, ITC-ER, PLTC-ER
CEC/C(UL) Specification:
CMG
AWM Specification:
UL Style 2464 (300 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 Vertical Tray Flame Test
CSA Flame Test:
FT4
IEEE Flame Test:
1202
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Suitability - Burial:
Yes
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Surface Printing (Overall)
Surface Printing:
LEGEND: BELDEN 9554 E34972 4PR 18 SHIELDED (UL) CMG 105C OR
PLTC OR ITC SUN RES DIR BUR OR AWM 2464 80C 300V OR C(UL)
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/m)
0.55777
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
177.174
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
114.835
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
19.227
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
19.227
Page 2 of 3
10-08-2020
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9554 Multi-Conductor - 300V Power-Limited Tray Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com