Electronic Components Datasheet Search
  English  ▼

X  

4800X Datasheet(PDF) 5 Page - ebm-papst

Part # 4800X
Description  Product Data Sheet 4800 X
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4800X Datasheet(HTML) 5 Page - ebm-papst

  4800X Datasheet HTML 1Page - ebm-papst 4800X Datasheet HTML 2Page - ebm-papst 4800X Datasheet HTML 3Page - ebm-papst 4800X Datasheet HTML 4Page - ebm-papst 4800X Datasheet HTML 5Page - ebm-papst 4800X Datasheet HTML 6Page - ebm-papst 4800X Datasheet HTML 7Page - ebm-papst 4800X Datasheet HTML 8Page - ebm-papst 4800X Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product Data Sheet 4800 X
07/24/2014
page 5 of 9
3
Operating Data
3.1
Electrical Operating Data
Measurement
conditions:
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C; Motor axis horizontal;warm-up
time before measuring 5 minutes (unless otherwise specified).
In the intake and outlet area should not be any solid obstruction within 0,5 m.
∆p = 0: corresp. to free air flow (see section 3.4)
I:
corresp. to RMS line current
Features
Condition
Symbol
Values
Frequency
∆p = 0
f
50 Hz
60 Hz
Nominal voltage
∆p = 0
UN
115,0 V
115,0 V
+- 10,0 %
+- 10,0 %
Tolerance
Power consumption
∆p = 0
P
10,0 W
9,0 W
Tolerance
+- 10,0 %
+- 10,0 %
Speed
∆p = 0
n
1.850 1/min
1.700 1/min
Tolerance
+- 14,0 %
+- 14,0 %
3.2
Operating Data - Electrical Interface -Output
Tacho type
None
3.3
Electrical Features
Locked rotor protection
Impedance
Locked rotor current at Un



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com