Electronic Components Datasheet Search
  English  ▼

X  

4800X Datasheet(PDF) 6 Page - ebm-papst

Part # 4800X
Description  Product Data Sheet 4800 X
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4800X Datasheet(HTML) 6 Page - ebm-papst

  4800X Datasheet HTML 1Page - ebm-papst 4800X Datasheet HTML 2Page - ebm-papst 4800X Datasheet HTML 3Page - ebm-papst 4800X Datasheet HTML 4Page - ebm-papst 4800X Datasheet HTML 5Page - ebm-papst 4800X Datasheet HTML 6Page - ebm-papst 4800X Datasheet HTML 7Page - ebm-papst 4800X Datasheet HTML 8Page - ebm-papst 4800X Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product Data Sheet 4800 X
07/24/2014
page 6 of 9
3.4
Aerodynamic
Measurement
conditions:
Measured with a double chamber intake rig acc. to DIN EN ISO 5801.
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C;
In the intake and outlet area should not be any solid obstruction within 0,5 m.
The information is only valid under the specified test conditions and may be changed by the
installation conditions. If there are deviations from the standard test conditions, the
characteristic values must be checked under the installed conditions.
a.) Operation condition:
1.850 1/min at free air flow
Frequency: 50 Hz
Max. free-air flow (
∆p = 0 /
= max.)
102,0 m3/h
Max. static pressure (
∆p = max. /
=0)
26 Pa
b.) Operation condition:
1.700 1/min at free air flow
Frequency: 60 Hz
Max. free-air flow (
∆p = 0 /
= max.)
95,0 m3/h
Max. static pressure (
∆p = max. /
=0)
19 Pa



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com