Electronic Components Datasheet Search
  English  ▼

X  

ML56 Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # ML56
Description  1T 8051 8-bit Microcontroller
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ML56 Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button ML56 Datasheet HTML 9Page - Nuvoton Technology Corporation ML56 Datasheet HTML 10Page - Nuvoton Technology Corporation ML56 Datasheet HTML 11Page - Nuvoton Technology Corporation ML56 Datasheet HTML 12Page - Nuvoton Technology Corporation ML56 Datasheet HTML 13Page - Nuvoton Technology Corporation ML56 Datasheet HTML 14Page - Nuvoton Technology Corporation ML56 Datasheet HTML 15Page - Nuvoton Technology Corporation ML56 Datasheet HTML 16Page - Nuvoton Technology Corporation ML56 Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
ML51/ML54/ML56
Sep. 1, 2020
Page 13 of 164
Rev 2.00
Supports alarm time and calendar mask enable settings.
Selectable 12-hour or 24-hour time scale setting.
Supports Leap Year indication setting.
Supports Day of the Week counter setting.
Frequency of RTC clock source compensate by
RTC_FREQADJ register.
All time and calendar message expressed in BCD format.
Supports periodic RTC Time Tick interrupt with 8 period
interval options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2 and 1
second.
Supports RTC Time Tick and Alarm Match interrupt.
Supports chip wake-up from Idle or Power-down mode while
a RTC interrupt signal is generated.
Support clock source selectable from LXT or LIRC.
Analog Interfaces
Analog-to-Digital Converter
(ADC)
Analog input voltage range: 0 ~ AVDD.
External or internal Voltage reference input selectable.
12-bit resolution and 10-bit accuracy is guaranteed.
Up to 16 single-end analog input channels
1 internal channels, they are band-gap voltage (VBG).
Maximum ADC peripheral clock frequency is 1 MHz.
Up to 500 KSPS sampling rate.
Software Write 1 to ADCS bit to trig ADC start.
External pin (STADC) trigger
PWM trigger.
Communication Interfaces
UART
Supports up to 2 UARTs: UART0, UART1
Supports 2 Smart Card configuration as UART function as
UART2 and UART3.
UART baud rate clock from HIRC or HXT.
Full-duplex asynchronous communications
Programmable 9
th bit.
TXD and RXD pins of UART0 exchangeable via software.
I
2C
2 sets of I
2C devices
Master/Slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master)
7-bit addressing mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com