Electronic Components Datasheet Search
  English  ▼

X  

ML56 Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # ML56
Description  1T 8051 8-bit Microcontroller
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ML56 Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button ML56 Datasheet HTML 16Page - Nuvoton Technology Corporation ML56 Datasheet HTML 17Page - Nuvoton Technology Corporation ML56 Datasheet HTML 18Page - Nuvoton Technology Corporation ML56 Datasheet HTML 19Page - Nuvoton Technology Corporation ML56 Datasheet HTML 20Page - Nuvoton Technology Corporation ML56 Datasheet HTML 21Page - Nuvoton Technology Corporation ML56 Datasheet HTML 22Page - Nuvoton Technology Corporation ML56 Datasheet HTML 23Page - Nuvoton Technology Corporation ML56 Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 164 page
background image
ML51/ML54/ML56
Sep. 1, 2020
Page 20 of 164
Rev 2.00
3.2.2
ML54 Series
Part Number
ML54
MD1AE
LD1AE
SD1AE
Flash (KB)
64
64
64
SRAM (KB)
4
4
4
ISP ROM (KB)
4
4
4
SPROM (bytes)
128
128
128
System Frequency ( MHz)
24
24
24
GPIO
38
42
55
16-bit Timer
4
4
4
PWM
6+2+2+2
6+2+2+2
6+2+2+2
Analog Comparator
2
2
2
Internal Voltage Reference
Y
Y
Y
PDMA
4
4
4
RTC
Y
Y
Y
LCD
8x17
8x18
8x28
6x19
6x20
6x30
4x21
4x22
4x32
ISO 7816-3
2
2
2
UART
2
2
2
SPI
2
2
2
I
2C
2
2
2
12-bit SAR ADC
10
10
14
Package
LQFP44
LQFP48
LQFP64
Note:
1. ISP ROM programmable 1K/2K/3K/4KB Flash for user program loader (LDROM) share from ARPOM.
2. ISO 7816-3 configurable as standard UART function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com