Electronic Components Datasheet Search
  English  ▼

X  

R302 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # R302
Description  X-RAY COLLIMATOR WITH LIGHT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

R302 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button R302 Datasheet HTML 4Page - List of Unclassifed Manufacturers R302 Datasheet HTML 5Page - List of Unclassifed Manufacturers R302 Datasheet HTML 6Page - List of Unclassifed Manufacturers R302 Datasheet HTML 7Page - List of Unclassifed Manufacturers R302 Datasheet HTML 8Page - List of Unclassifed Manufacturers R302 Datasheet HTML 9Page - List of Unclassifed Manufacturers R302 Datasheet HTML 10Page - List of Unclassifed Manufacturers R302 Datasheet HTML 11Page - List of Unclassifed Manufacturers R302 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MODEL R302/A
.
INSTRUCTIONS MANUAL MTR302/A -ING. - page B-1
B)
SPECIFICATIONS
• Maximum protection against
radiation leakage: EN 60601-1-3
par 29.204.3
150 kVp – 4mA
• Field coverage at 90 cm FFD
43 x 43 cm max
00x00 cm min
• Indicator precision:
EN 60601-1-3 par 29.202.8
Corresponds to the X-ray field with tolerance less
than 2% of the FFD used
• Inherent filtration, Al. Equivalent:
EN 60601-1-3 par 29.201.7/29.201.6
2.0 mm. minimum (0,3mm - 1mm optional)
• Light field precision
EN 60601-1-3 par 29.202.9
Corresponds to the x-ray field wth a 1% tolerance
of the FFD in use
• Lamp power requirement:
24 VDC/AC 50/60 Hz 6.5A
12VDC/AC 50/60 Hz 9A optional
• Fuse, lamps
4A certified delayed (24V supply
8A certified delayed (12V supply)
• Lamp ON time
≅30 seconds
• Standard Lamp:
OSRAM HLX 64638- - 100W 24V
OSRAM HLX 64623 – 100W 12V
• Light field
Average luminosity 160 lx
Contrast 4:1
• Lamp support:
B.W. 902W24V 2 prong plug-in.
Load Max = 150 W 8A
• Weight
9,7 kg
• Classification: EN 60601-1 par. 5
• Protection against electric hazards: “Class I” equipment
• Protection against direct and indirect contacts: Type B equipment with applied parts.
• Protection against water seepage : “Common equipment”
• Safety of operation in the presence of inflammable anaesthetics with air or oxygen or
nitrous oxide: Equipment not suited to application in the presence of inflammable
anaesthetic mixtures containing air o oxygen of nitrous oxide..
• Operation conditions: Equipment for continuous operation at intermittent loads .-
See Operation Instructions on page F-1.
Should label data on the collimator not correspond to the specifications herein, inform Ralco
of the non conformity.
Verifications of the specifications are to be performed according to the indicated equipment
standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com