Electronic Components Datasheet Search
  English  ▼

X  

1754575 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754575
Description  MSTBT 2,5/ 9-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754575 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754575 Datasheet HTML 1Page - PHOENIX CONTACT 1754575 Datasheet HTML 2Page - PHOENIX CONTACT 1754575 Datasheet HTML 3Page - PHOENIX CONTACT 1754575 Datasheet HTML 4Page - PHOENIX CONTACT 1754575 Datasheet HTML 5Page - PHOENIX CONTACT 1754575 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSTBT 2,5/ 9-ST Order No.: 1779903
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779903
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Jan 28, 2011
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
0707167
DFK-MSTB 2,5/ 9-G
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 9, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting, Accessory order no.
5030172 can only be used in conjunction with MSTB 2,5/...ST and
MSTBT 2,5/...ST.
1899919
EMSTBA 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1914920
EMSTBVA 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1762761
MDSTB 2,5/ 9-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1846580
MDSTBA 2,5/ 9-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1762910
MDSTBV 2,5/ 9-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com