Electronic Components Datasheet Search
  English  ▼

X  

1754575 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1754575
Description  MSTBT 2,5/ 9-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754575 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1754575 Datasheet HTML 1Page - PHOENIX CONTACT 1754575 Datasheet HTML 2Page - PHOENIX CONTACT 1754575 Datasheet HTML 3Page - PHOENIX CONTACT 1754575 Datasheet HTML 4Page - PHOENIX CONTACT 1754575 Datasheet HTML 5Page - PHOENIX CONTACT 1754575 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MSTBT 2,5/ 9-ST Order No.: 1779903
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779903
PHOENIX CONTACT Deutschland GmbH
Page 5 / 6
http://www.phoenixcontact.de
Jan 28, 2011
1845853
MDSTBVA 2,5/ 9-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1754575
MSTB 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1768257
MSTB 2,5/ 9-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1757530
MSTBA 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1770559
MSTBA 2,5/ 9-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1753576
MSTBV 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1755587
MSTBVA 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1736043
MSTBW 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769308
SMSTB 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769874
SMSTBA 2,5/ 9-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com