Electronic Components Datasheet Search
  English  ▼

X  

WIZFI310 Datasheet(PDF) 11 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 11 Page - WIZnet Co., Ltd

Back Button WIZFI310 Datasheet HTML 7Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 10Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 11Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 12Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 13Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 14Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 15Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.2 802.11g Mode
WizFi310 Datasheet Version1.0.0 (OCT 2016)
11 / 16
ITEMS
CONTENTS
Specification
IEEE802.11g
Mode
OFDM
Channel
CH1 to CH13
Data rate
6, 9, 12, 18, 24, 36, 48, 54Mbps
Power level(calibrated)
Minimum
Typical
Maximum
Unit.
Note.
16dBm Target(For each antenna Port)12
14
16
dBm
Constellation error(EVM)@target powerMinimum
Typical
Maximum
Unit.
Note.
54Mbps
-30
-28
dB
Frequency error
-25
0
+25
khZ
Minimum input level sensitivity
Minimum
Typical
Maximum
Unit.
Note.
MCS7(PER ≤ 10 %)
-
-78
-
dBm
Maximum input level(PER ≤ 10 %) -
-10
-
dBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com