Electronic Components Datasheet Search
  English  ▼

X  

WIZFI310 Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 10Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 11Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 12Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 13Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 14Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 15Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 16Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2.6 Power Consumption
14 / 16
WizFi310 Datasheet Version1.0.0 (OCT 2016)
State
Current(3.3V)
Description
Deep Sleep
5.5uA
Low Power Timer and GPIO Event Wake up
Deep Standby
25uA
Low Power Timer and GPIO Event Wake up
Associated Idle(DTIM=1)
3.3mA
Associated with AP but no traffic
Associated Idle(DTIM=2)
2.41mA
Associated with AP but no traffic
Associated Idle(DTIM=3)
1.98mA
Associated with AP but no traffic
Sleep
0.5mA
Associated with AP but no traffic
Run in active clock
25mA
CPU full run, UART available,WiFi is disable
11n RX mode
62mA
CPU full run, UART available,WiFi is in 11n RX
11n TX mode@13dBm
162mA
CPU full run, UART available,WiFi is in 11n RX
Peak current
240mA
CPU full run, UART available,WiFi is in 11n RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com