Electronic Components Datasheet Search
  English  ▼

X  

PW113 Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PW113
Description  Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW113 Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PW113 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.prewell.com
3
Gain Block
SJM PREWELL
PW113
Products and product information are subject to change without notice. Version 0.9
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Gain
Output Power
Input Power (dBm)
Output Power / Gain vs Input Power @ 70MHz
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Gain
Output Power
Input Power (dBm)
Output Power / Gain vs Input Power @ 250MHz
0
200
400
600
800
1000
12
14
16
18
20
22
24
25℃
-40℃
85℃
Frequency (MHz)
P1dB vs Frequency
9
10
11
12
13
14
15
16
-70
-65
-60
-55
-50
-45
-40
25℃
Output Channel Power (dBm)
ACPR IS-95A vs. Channel Power
IS-95, 9 Ch.Forward, 30 kHz Meas BW, +/- 885 kHz offset
Freq. = 70MHz
P1dB vs. Frequency
Output Power / Gain vs Input Power @ 70MHz
Output Power / Gain vs Input Power @ 250MHz
ACPR IS-95A vs. Channel Power
IS-95, 9 Ch. Forward, 30 kHz Meas BW, +/- 885 kHz offset
4
6
8
10
12
14
20
25
30
35
40
45
50
OIP3 @ 70MHz
OIP3 @ 140MHz
OIP3 @ 250MHz
OIP3 @ 500MHz
Output Power (dBm)
OIP3 vs Output Power
OIP3 vs. Output Power
0
200
400
600
800
1000
1
2
3
4
5
6
25℃
Frequency (MHz)
NF vs. Frequency
NF vs. Frequency
0
1
2
3
4
5
6
7
0
30
60
90
120
150
180
25℃
Vd (V)
Id vs. Vd
Id vs. Vd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com