Electronic Components Datasheet Search
  English  ▼

X  

PW113 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PW113
Description  Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW113 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PW113 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.prewell.com
1
Gain Block
SJM PREWELL
PW113
Products and product information are subject to change without notice. Version 0.9
Description
The PW113 is a high performance InGaP HBT MMIC Amplifier and
consists of Darlington pair amplifiers. The features of PW113 are
high linear performance, high reliability as an IF amplifier and provide
stable current variation over temperature. The PW113 operates from
a single voltage supply and requires only two DC-blocking capacitors,
a bias resistor and an inductor for operation. The device is a general
purpose buffer amplifier that offers high dynamic range in a low cost
surface-mounted plastic SOT-89 package. All devices are 100% RF
and DC tested.
Specifications
1) Test Conditions : T=25°C, Supply Voltage=5V, Rbias=3ohm, 50ohm System
2) OIP3 measured with two tones at an output power of 9dBm/tone separated by 1MHz.
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Voltage
7
V
Device Current
250
mA
RF Power Input
10
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
Junction Temperature
187
°C
Parameter
Units
Frequency (MHz)
70
140
250
500
900
S21
dB
22.3
22.3
22.1
21.8
21.0
S11
dB
-21
-22
-23
-24
-25
S22
dB
-13
-14
-14
-13
-11
P1dB
dBm
20.1
20.1
20.2
20.3
20.0
OIP3
dBm
39.3
39.1
39.0
37.0
34.5
NF
dB
3.6
3.7
3.6
3.6
3.6
V / I
V/mA
4.7 / 88
Rth
°C/W
73
Features
• 5 to 1000MHz
• Gain 22.3dB @ 140MHz
• P1dB 20.3dBm @ 500MHz
• OIP3 39.3dBm @ 70MHz
• Lead-free / Green /
compliant SOT-89 Package
Applications
ESD/MSL
1 ESD sensitive device. Observe
handling precautions.
2 HBM: Class 1C, JESD22-A114
3 CDM: Class C3 , JESD22-
C101F
4 MSL 3, J-STD-020
• Base station / Repeater / Mobile
/ Automotive / Military
– FDD-LTE, TD-LTE, TDS-CDMA,
CDMA, WCDMA,WiMAX, PCS, GSM,
GPS, GPRS, TETRA
• IoT / Broadcasting / WLAN
– FM, DMB, DVB, ISM
Functional Diagram
RF IN
GND
1
2,4
RF OUT / Bias
3
1) Stresses above the maximum values listed have may cause permanent damage to the device.
2) MTTF is more than 100 years.
4
1
2
3


Similar Part No. - PW113

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
Wideband Amplifier
More results

Similar Description - PW113

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PG520 SJM-PG520 Datasheet
345Kb / 5P
Gain Block
PLT01 SJM-PLT01 Datasheet
373Kb / 6P
Gain Block
PNW566 SJM-PNW566 Datasheet
681Kb / 22P
Gain Block
PW115 SJM-PW115_V01 Datasheet
376Kb / 5P
Gain Block
PW114 SJM-PW114_V01 Datasheet
375Kb / 5P
Gain Block
PW112 SJM-PW112 Datasheet
445Kb / 7P
Gain Block
PW111 SJM-PW111 Datasheet
403Kb / 5P
Gain Block
PW11A SJM-PW11A Datasheet
358Kb / 4P
Gain Block
PW117 SJM-PW117 Datasheet
374Kb / 5P
Gain Block
PW118 SJM-PW118 Datasheet
437Kb / 6P
Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com