Electronic Components Datasheet Search
  English  ▼

X  

PW112 Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PW112
Description  Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW112 Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PW112 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.prewell.com
3
Gain Block
SJM PREWELL
PW112
Products and product information are subject to change without notice. Version 10
-3
0
3
6
9
12
-60
-55
-50
-45
-40
-35
-30
Output Channel Power (dBm)
25°C
-40°C
85°C
0
200
400
600
800
1000
1
2
3
4
5
6
Frequency (MHz)
25°C
0
200
400
600
800
1000
14
16
18
20
22
24
Frequency (MHz)
25°C
-40°C
85°C
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Input Power (dBm)
Gain
Output Power
0
2
4
6
8
10
20
25
30
35
40
45
Output Power (dBm)
OIP3 @70MHz
OIP3 @140MHz
OIP3 @250MHz
OIP3 @500MHz
0
1
2
3
4
5
6
7
0
50
100
150
200
250
Vd (V)
25°C
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Input Power (dBm)
Gain
Output Power
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
Input Power (dBm)
Gain
Output Power
P1dB vs. Frequency
NF vs. Frequency
OIP3 vs. Output Power
Output Power / Gain vs Input Power @ 70MHz
Output Power / Gain vs Input Power @ 250MHz
Output Power / Gain vs Input Power @ 500MHz
WCDMA ACLR vs. Output Power @ 70MHz
3GPP WCDMA 6FA, Test Model5, 5MHz offset
Id vs. Vd



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com