Electronic Components Datasheet Search
  English  ▼

X  

PW112 Datasheet(PDF) 5 Page - SJM Prewell. All Rights Reserved.

Part # PW112
Description  Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW112 Datasheet(HTML) 5 Page - SJM Prewell. All Rights Reserved.

  PW112 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PW112 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
http://www.prewell.com
5
Gain Block
SJM PREWELL
PW112
Products and product information are subject to change without notice. Version 10
0
200
400
600
800
1000
28
30
32
34
36
38
Frequency (MHz)
25°C
-40°C
85°C
0
200
400
600
800
1000
1
2
3
4
5
6
Frequency (MHz)
25°C
0
200
400
600
800
1000
-20
-16
-12
-8
-4
0
Frequency (MHz)
25°C
-40°C
85°C
0
200
400
600
800
1000
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
-40°C
85°C
0
200
400
600
800
1000
20
22
24
26
28
30
Frequency (MHz)
25°C
-40°C
85°C
Parameters
Units
Frequency (MHz)
50
70
140
250
500
900
S21
dB
26.2
26.3
26.2
26.1
25.7
24.3
S11
dB
-20
-21
-23
-23
-23
-22
S22
dB
-10
-10
-11
-12
-15
-11
P1dB
dBm
19.7
19.7
20.0
19.8
19.6
18.4
OIP3 @ 5dBm
dBm
37.6
35.8
36.5
35.7
34.4
30.8
NF
dB
2.7
2.6
2.7
2.8
2.9
2.8
Typical RF Performance for 50 -1000MHz Tuned Application Circuit Ⅱ
Supply Bias Voltage = 5V, R
BIAS = 3ohm, Current= 74mA
Input Return Loss
Output Return Loss
Gain vs. Frequency
NF vs. Frequency
OIP3 vs. Frequency
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
Supply
Voltage
RBIAS
5.6nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com