Electronic Components Datasheet Search
  English  ▼

X  

SY89206V Datasheet(PDF) 2 Page - Microchip Technology

Part # SY89206V
Description  3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY89206V Datasheet(HTML) 2 Page - Microchip Technology

  SY89206V Datasheet HTML 1Page - Microchip Technology SY89206V Datasheet HTML 2Page - Microchip Technology SY89206V Datasheet HTML 3Page - Microchip Technology SY89206V Datasheet HTML 4Page - Microchip Technology SY89206V Datasheet HTML 5Page - Microchip Technology SY89206V Datasheet HTML 6Page - Microchip Technology SY89206V Datasheet HTML 7Page - Microchip Technology SY89206V Datasheet HTML 8Page - Microchip Technology SY89206V Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SY89206V
DS20006210B-page 2
 2019 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
PECL Power Supply Voltage (VCC) (Note 1).............................................................................................................. +8V
NECL Power Supply Voltage (VEE) (Note 2) .............................................................................................................. –8V
PECL Mode Input Voltage (VIN) (Note 3) ................................................................................................................... +6V
NECL Mode Input Voltage (VIN) (Note 4) ................................................................................................................... –6V
Continuous Output Current (IOUT).......................................................................................................................... 50 mA
Surge Output Current (IOUT) ................................................................................................................................ 100 mA
† Notice: Stresses above those listed under “Absolute Maximum ratings” may cause permanent damage to the
device. Exposure to maximum rating conditions for extended periods may affect device reliability.
Note 1: VEE = 0V.
2: VCC = 0V.
3: VEE = 0V, VIN ≤ VCC.
4: VCC = 0V, VIN ≥ VEE.
5: Mil Std. 883 Human Body Model, all pins
DC ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Characteristics: VCC = 3.0V to 5.5V; VEE = 0V or VEE = –5.5V to –3.0V; VCC = 0V; TA = -40˚C to +85˚C,
unless otherwise stated.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Current
IEE
—
21
26
mA
—
Output High Voltage (Note 2)
VOH
VCC - 1.085
—
VCC - 0.88
V
—
Output Low Voltage (Note 2)
VOL
VCC - 1.830
—
VCC - 1.555
V
—
Input High Voltage (Single-Ended)
VIH
VCC - 1.165
—
VCC - 0.880
V
—
Input Low Voltage (Single-Ended)
VIL
VCC - 1.810
—
VCC - 1.475
V
—
Output Reference Voltage
VBB
VCC - 1.38
—
VCC - 1.26
V
—
Common Mode Range (Note 3)
VIHCMR
VEE + 2.0
—
VCC - 0.4
V
—
Input High Current
IIH
—
—
150
μA
—
Input Low Current
IIL
0.5
—
—
μA
—
Note 1: Devices are designed to meet the DC specifications shown in the above table after thermal equilibration
has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse
airflow greater than 500 lfpm is maintained.
2: Outputs are terminated through a 50Ω resistor to VCC - 2.0V.
3: The CMR range is referenced to the most positive side of the differential input voltage. Normal
operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies
between 150 mV and 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com