Electronic Components Datasheet Search
  English  ▼

X  

SY89206V Datasheet(PDF) 13 Page - Microchip Technology

Part # SY89206V
Description  3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY89206V Datasheet(HTML) 13 Page - Microchip Technology

Back Button SY89206V Datasheet HTML 8Page - Microchip Technology SY89206V Datasheet HTML 9Page - Microchip Technology SY89206V Datasheet HTML 10Page - Microchip Technology SY89206V Datasheet HTML 11Page - Microchip Technology SY89206V Datasheet HTML 12Page - Microchip Technology SY89206V Datasheet HTML 13Page - Microchip Technology SY89206V Datasheet HTML 14Page - Microchip Technology SY89206V Datasheet HTML 15Page - Microchip Technology SY89206V Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2019 Microchip Technology Inc.
DS20006210B-page 13
SY89206V
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) SY89206VMG-TR:
1 GHz Differential PECL/ECL
Receiver/Buffer, 3.3V/5V,
–40°C to +85°C, 8-Lead DFN,
1,000/Reel
PART NO.
X
-XX
Special
Temperature
Range
Device
Device:
SY89206:
1 GHz Differential PECL/ECL Receiver/Buffer
Voltage Option:
V
= 3.3V, 5V
Package:
M
=
8-Lead DFN
Temperature
Range:
G
=
–40°C to +85°C (NiPdAu Pb-Free)
Special
Processing:
TR
=
1,000/Reel
X
Package
Processing
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
X
Voltage
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com