Electronic Components Datasheet Search
  English  ▼

X  

TC6320TGG Datasheet(PDF) 4 Page - Microchip Technology

Part # TC6320TGG
Description  N-Channel and P-Channel Enhancement-Mode MOSFET Pair
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6320TGG Datasheet(HTML) 4 Page - Microchip Technology

  TC6320TGG Datasheet HTML 1Page - Microchip Technology TC6320TGG Datasheet HTML 2Page - Microchip Technology TC6320TGG Datasheet HTML 3Page - Microchip Technology TC6320TGG Datasheet HTML 4Page - Microchip Technology TC6320TGG Datasheet HTML 5Page - Microchip Technology TC6320TGG Datasheet HTML 6Page - Microchip Technology TC6320TGG Datasheet HTML 7Page - Microchip Technology TC6320TGG Datasheet HTML 8Page - Microchip Technology TC6320TGG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC6320
DS20005697A-page 4
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-source Voltage ........................................................................................................................................ BVDSS
Drain-to-gate Voltage ........................................................................................................................................... BVDGS
Operating Ambient Temperature, TA ................................................................................................... –55°C to +150°C
Storage Temperature, TS ..................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
N-CHANNEL ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = TJ = 25°C unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
DC PARAMETER (Note 1 unless otherwise specified)
Drain-to-source Breakdown Voltage
BVDSS
200
—
—
V
VGS = 0V, ID = 2 mA
Gate Threshold Voltage
VGS(th)
1
—
2
V
VGS = VDS, ID = 1 mA
Change in VGS(th) with Temperature
∆VGS(th)
—
—
–4.5
mV/°C VGS = VDS, ID = 1 mA (Note 2)
Gate-to-source Shunt Resistor
RGS
10
—
50
kΩ
IGS = 100 µA
Gate-to-Source Zener Voltage
VZGS
13.2
—
25
V
IGS = 2 mA
Zero-gate Voltage Drain Current
IDSS
—
—
10
µA
VDS = Maximum rating, 
VGS = 0V
—
—
1
mA
VDS = 0.8 Maximum rating,
VGS = 0V, TA = 125°C (Note 2)
On-state Drain Current
ID(ON)
1
—
—
A
VGS = 4.5V, VDS = 25V
2
—
—
VGS = 10V, VDS = 25V
Static Drain-to-source On-state
Resistance
RDS(ON)
—
—
8
Ω
VGS = 4.5V, ID = 150 mA
—
—
7
VGS = 10V, ID = 1A
Change in RDS(ON) with Temperature ∆RDS(ON)
—
—
1
%/°C
VGS = 4.5V, ID = 150 mA (Note 2)
AC PARAMETER (Note 2)
Forward Transconductance
GFS
400
—
—
mmho VDS = 25V, ID = 500 mA
Input Capacitance
CISS
—
—
110
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS
—
—
60
pF
Reverse Transfer Capacitance
CRSS
—
—
23
pF
Turn-on Delay Time
td(ON)
—
—
10
ns
VDD = 25V,
ID = 1A,
RGEN = 25Ω
Rise Time
tr
—
—
15
ns
Turn-off Delay Time
td(OFF)
—
—
20
ns
Fall Time
tf
—
—
15
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = 0V, ISD = 500 mA (Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = 500 mA (Note 2)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com