Electronic Components Datasheet Search
  English  ▼

X  

TC6320TGG Datasheet(PDF) 7 Page - Microchip Technology

Part # TC6320TGG
Description  N-Channel and P-Channel Enhancement-Mode MOSFET Pair
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6320TGG Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC6320TGG Datasheet HTML 3Page - Microchip Technology TC6320TGG Datasheet HTML 4Page - Microchip Technology TC6320TGG Datasheet HTML 5Page - Microchip Technology TC6320TGG Datasheet HTML 6Page - Microchip Technology TC6320TGG Datasheet HTML 7Page - Microchip Technology TC6320TGG Datasheet HTML 8Page - Microchip Technology TC6320TGG Datasheet HTML 9Page - Microchip Technology TC6320TGG Datasheet HTML 10Page - Microchip Technology TC6320TGG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2017 Microchip Technology Inc.
DS20005697A-page 7
TC6320
3.0
FUNCTIONAL DESCRIPTION
Figure 3-1 and Figure 3-2 illustrate the switching
waveforms and test circuits for TC6320.
10V
0V
0V
VDD
Input
Output
10%
90%
90%
10%
90%
10%
R
GEN
Input
Pulse
Generator
V
DD
R
L
D.U.T
OUTPUT
t
r
t
f
t
d(ON)
t
(ON)
t
d(OFF)
t
(OFF)
FIGURE 3-1:
N-Channel Switching Waveforms and Test Circuit.
R
GEN
Input
Pulse
Generator
V
DD
R
L
D.U.T
OUTPUT
0V
-10V
0V
VDD
Input
Output
t
r
t
f
t
d(ON)
t
(ON)
90%
10%
90%
10%
10%
90%
t
d(OFF)
t
(OFF)
FIGURE 3-2:
P-Channel Switching Waveforms and Test Circuit.
PRODUCT SUMMARY
BVDSS/BVDGS
(V)
RDS(ON)
(Maximum)
(Ω)
N-Channel
P-Channel
N-Channel
P-Channel
200
–200
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com