Electronic Components Datasheet Search
  English  ▼

X  

IIS3DHHCTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 1 Page - STMicroelectronics

  IIS3DHHCTR Datasheet HTML 1Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 2Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 3Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 4Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 5Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 6Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 7Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 8Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Ceramic cavity LGA-16
(5x5x1.7 mm)
Features
•
3-axis, ±2.5 g full-scale
•
Ultra-low noise performance: 45 µg/√Hz
•
Excellent stability over temperature (<0.4 mg/°C) and time
•
16-bit data output
•
SPI 4-wire digital output interface
•
Embedded FIFO (depth 32 levels)
•
Embedded temperature sensor
•
12-bit temperature data output
•
High shock survivability
•
Extended operating temperature range (-40 °C to +85 °C)
•
ECOPACK, RoHS and “Green” compliant
Applications
•
Precision inclinometer
•
Antenna and platform pointing and leveling
•
Leveling instruments
Description
The IIS3DHHC is an ultra-low noise, high-stability three-axis linear accelerometer.
The IIS3DHHC has a full scale of ±2.5 g and is capable of providing the measured
accelerations to the application through an SPI 4-wire digital interface.
The sensing element is manufactured using a dedicated micromachining process
developed by STMicroelectronics to produce inertial sensors and actuators on silicon
wafers.
The IC interface is manufactured using a CMOS process that allows a high level of
integration to design a dedicated circuit which is trimmed to better match the
characteristics of the sensing element.
The IIS3DHHC is available in a high-performance (low-stress) ceramic cavity land
grid array (CC LGA) package and can operate within a temperature range of -40 °C
to +85 °C.
Product status link
IIS3DHHC
Product summary
Order code
IIS3DHHCTR
Temperature
range [°C]
-40 to +85
Package
CC LGA-16
(5 x 5 x 1.7 mm)
Packing
Tape and reel
Product label
Product resources
AN5146 (IIS3DHHC)
TN0018 (Design and soldering)
High-resolution, high-stability 3-axis digital accelerometer
IIS3DHHC
Datasheet
DS12292 - Rev 3 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IIS3DHHCTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
More results

Similar Description - IIS3DHHCTR

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
Analog Devices
ADXL288 AD-ADXL288 Datasheet
76Kb / 2P
High Performance, Dual-Axis Digital Output Accelerometer
Rev. Sp0
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
LIS331DL 3-axis digital MEMS accelerometer
24-Jun-2008
logo
NXP Semiconductors
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com