Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMMA0ES Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MPF5023AMMA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
31 / 91
aaa-032238
RESETBMCU
PGOOD3
PGOOD2
SYSTEM ON
SW3
SW2
PGOOD1
SW1
PGOOD
(optional)
Figure 14. Correct power up (no fault during power up)
If any of the regulators are powered up before RESETBMCU is out of regulator,
RESETBMCU is not de-asserted and the power up sequence is stopped for up to 2.0
ms. If the fault is cleared and all internal PG signals are asserted within the 2.0 ms timer,
RESETBMCU is de-asserted and the power up sequence continues where it stopped as
shown in Figure 15.
aaa-032239
RESETBMCU
PGOOD3
PGOOD2
SYSTEM ON
Regulator
Recovery
< 2 ms
SW3
SW2
PGOOD1
SW1
PGOOD
(optional)
Figure 15. Power up sequencer with a temporary failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com