Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMMA0ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPF5023AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMMA0ES Datasheet(HTML) 1 Page - NXP Semiconductors

  MPF5023AMMA0ES Datasheet HTML 1Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMMA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
PF5023
Power management integrated circuit (PMIC) for high
performance applications
Rev. 1 — 15 April 2020
Product data sheet
1 Overview
The PF5023 integrates multiple high performance buck regulators. It can operate as a
stand-alone point-of-load regulator IC, or as a companion chip to a larger PMIC.
Built-in one-time programmable (OTP) memory stores key startup configurations,
drastically reducing external components typically used to set output voltage and
sequence of regulators. Regulator parameters are adjustable through high-speed I2C
after start up offering flexibility for different system states.
2 Features
• Three high efficiency buck converters
• Watchdog timer/monitor
• Monitoring circuit to fit ASIL B safety level
• One-time programmable device configuration
• 3.4 MHz I2C communication interface
• 40-pin QFN package with wettable flank and exposed pad


Similar Part No. - MPF5023AMMA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPF5023CMBA0ES NXP-MPF5023CMBA0ES Datasheet
1Mb / 95P
Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
MPF5023CMMA0ES NXP-MPF5023CMMA0ES Datasheet
1Mb / 95P
Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
MPF5023CVNA0ES NXP-MPF5023CVNA0ES Datasheet
1Mb / 95P
Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
More results

Similar Description - MPF5023AMMA0ES

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC34709 FREESCALE-MC34709 Datasheet
4Mb / 142P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
NXP Semiconductors
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
PF8101 NXP-PF8101 Datasheet
1Mb / 126P
9-channel power management integrated circuit for high performance applications
PF8121 NXP-PF8121 Datasheet
1Mb / 118P
12-channel power management integrated circuit for high performance applications
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com