Electronic Components Datasheet Search
  English  ▼

X  

PW119 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW119
Description  Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW119 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW119 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW119 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW119 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW119 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW119 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PW119 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.prewell.com
4
Gain Block
SJM PREWELL
PW119
Products and product information are subject to change without notice. Version 10
Parameters
Units
Frequency (MHz)
50
70
140
250
500
S21
dB
22.1
22.1
22.1
21.8
21.3
S11
dB
-20
-22
-30
-25
-18
S22
dB
-22
-25
-26
-18
-12
P1dB
dBm
19.2
19.2
19.3
19.3
19.2
OIP3 @ 9dBm
dBm
40.0
39.5
38.8
37.5
34.5
NF
dB
2.6
2.6
2.7
2.8
2.9
Typical RF Performance for Vd=4.25V, Ic=87mA
Supply Bias Voltage = 5V, R(bias)= 7.5ohm, Current= 87mA
Recommended Bias Values
Supply Voltage ( V )
R
BIAS Value
(ohm)
Size
5
7.5
0805
5.3
10.9
0805
6
18.8
0805
7
30.2
1210
8
41.6
1210
9
52.9
2010
10
64.3
2010
12
87.1
2512
0
100
200
300
400
500
600
16
18
20
22
24
26
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
0
100
200
300
400
500
600
-50
-40
-30
-20
-10
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
0
100
200
300
400
500
600
-50
-40
-30
-20
-10
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
Supply
Voltage
RBIAS
Gain vs. Frequency
Input Return Loss
Output Return Loss
0
100
200
300
400
500
600
32
34
36
38
40
42
25℃
-40℃
85℃
Frequency (MHz)
OIP3 vs Frequency
OIP3 vs. Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com