Electronic Components Datasheet Search
  English  ▼

X  

L64733 Datasheet(PDF) 32 Page - LSI Computer Systems

Part # L64733
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733 Datasheet(HTML) 32 Page - LSI Computer Systems

Back Button L64733 Datasheet HTML 28Page - LSI Computer Systems L64733 Datasheet HTML 29Page - LSI Computer Systems L64733 Datasheet HTML 30Page - LSI Computer Systems L64733 Datasheet HTML 31Page - LSI Computer Systems L64733 Datasheet HTML 32Page - LSI Computer Systems L64733 Datasheet HTML 33Page - LSI Computer Systems L64733 Datasheet HTML 34Page - LSI Computer Systems L64733 Datasheet HTML 35Page - LSI Computer Systems L64733 Datasheet HTML 36Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
L64733/L64734 Tuner and Satellite Receiver Chipset
Table 7
L64734 Recommended Operating Conditions
Symbol
Parameter
Limits1
1. For normal device operation, adhere to the limits in this table. Sustained
operation of a device at conditions exceeding these values, even if they are
within the absolute maximum rating limits, can result in permanent device
damage or impaired device reliability. Device functionality to stated DC and
AC limits is not guaranteed if recommended operating conditions are
exceeded.
Units
VDD
DC Supply Voltage
+3.14 to 3.47
V
TA
Operating Ambient Temperature Range
(Commercial)
0 to +70
°C
Tj
Junction Temperature
+125
°C
Θ
ja
Junction to Ambient Thermal Resistance2
2. The junction to ambient thermal resistance is for the PQFPt (U4) package,
for a four-layer board.
21.7
°C/watt
Θ
jc
Junction to Case Thermal Resistance3
3. The junction to case thermal resistance is valid only for measurements in an
isothermal environment including the board and package.
5
°C/watt
Table 8
L64734 Capacitance
Symbol
Parameter1
1. Measurement conditions are VIN = 3.3 V, TA = 25 ˚C, and
clock frequency = 1 MHz.
Max
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com