Electronic Components Datasheet Search
  English  ▼

X  

L64733 Datasheet(PDF) 14 Page - LSI Computer Systems

Part # L64733
Description  Tuner and Satellite Receiver Chipset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733 Datasheet(HTML) 14 Page - LSI Computer Systems

Back Button L64733 Datasheet HTML 10Page - LSI Computer Systems L64733 Datasheet HTML 11Page - LSI Computer Systems L64733 Datasheet HTML 12Page - LSI Computer Systems L64733 Datasheet HTML 13Page - LSI Computer Systems L64733 Datasheet HTML 14Page - LSI Computer Systems L64733 Datasheet HTML 15Page - LSI Computer Systems L64733 Datasheet HTML 16Page - LSI Computer Systems L64733 Datasheet HTML 17Page - LSI Computer Systems L64733 Datasheet HTML 18Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
L64733/L64734 Tuner and Satellite Receiver Chipset
• AGC Control
• Channel Data Output
• Microcontroller
• Synthesizer Control
• Tuner Control
The following signal descriptions are listed according to the major
interface groups.
Channel Interface
The Channel Interface is the input path to the L64734 satellite receiver.
IVIN and QVIN are the I and Q streams, respectively, from the satellite
tuner circuit. The CLK signal strobes in the data signals.
IBYPASS[5:0] I Channel Data
Input
The IBYPASS[5:0] signals form the digital I channel data
input bus, which supplies the I Stream to the L64734
when the ADC is bypassed. Bypass is controlled through
the setting of particular register bits in the L64734.
IVINn, IVINp
I Channel Data
Input
These differential signals form the analog received I
channel data input bus, which supplies the I stream to the
L64734.
QBYPASS[5:0]
Q Channel Data
Input
The QBYPASS[5:0] signals form the digital received
Q channel data input bus, which supplies the Q Stream
to the L64734 when the ADC is bypassed. Bypass is
controlled through the setting of particular register bits in
the L64734.
QVINn, QVINp
Q Channel Data
Input
The QVINn and QVINp differential signals form the
analog received Q channel data input bus, which supplies
the Q stream to the L64734.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com