Electronic Components Datasheet Search
  English  ▼

X  

MPSW06 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSW06
Description  One Watt Amplifier Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW06 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSW06 Datasheet HTML 1Page - ON Semiconductor MPSW06 Datasheet HTML 2Page - ON Semiconductor MPSW06 Datasheet HTML 3Page - ON Semiconductor MPSW06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW05 MPSW06
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.8
–2.8
1.0
100
10
θVB for VBE
0.5
2.0
5.0
20
50
200
–1.2
–1.6
–2.0
–2.4
500
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
6.0
Figure 6. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
100
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2 k
1.0
MPSW05
2.0
5.0
Figure 7. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
500
200
100
50
20
10
10
20
60 80 100
MPSW06
100
µs
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
dc
dc
1 k
DUTY CYCLE
≤ 10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com