Electronic Components Datasheet Search
  English  ▼

X  

G680CS Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # G680CS
Description  Flow characteristic equal percentage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

G680CS Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  G680CS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions (Inches [mm])
D
B
C
A
F
E
AFB, AFX
A
B
C
D
E
F
12.2” [310] 10.0” [254] 22.7” [577] 17.8” [453] 3.9” [100] 5.3” [135]
Dimensions (Inches [mm])
D
B
C
A
F
E
AVKB, AVKX
A
B
C
D
E
F
12.2” [310] 10.0” [254] 24.6” [626] 19.3” [489]
3.9” [100]
G680CS Technical Data Sheet
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com