Electronic Components Datasheet Search
  English  ▼

X  

G680CS Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # G680CS
Description  Flow characteristic equal percentage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

G680CS Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  G680CS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
148165
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, ±10%
Power consumption in operation 3.5 W
Power consumption in rest
position
0.5 W
Transformer sizing
6 VA (class 2 power source)
Electrical Connection
18 GA plenum cable, 3 ft [1 m], with 1/2”
conduit connector, degree of protection
NEMA 2 / IP54
Overload Protection
electronic throughout full stroke
Electrical Protection
actuators are double insulated
Input Impedance
100 kΩ (0.1 mA), 500 Ω, 1000 Ω (on/off)
Position Feedback
No Feedback
Stroke
2” [50 mm]
Actuating force motor
560 lbf [2500 N]
Direction of motion motor
selectable with switch 0/1
Position indication
Mechanically, with pointer
Manual override
5 mm hex crank (3/16” Allen), supplied
Running Time (Motor)
default 90 s, variable 90 or 150 s
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2, UL Enclosure Type 2
Housing material
Die cast aluminium and plastic casing
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and
2014/35/EU
Noise level, motor
60 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
5.73 lb [2.6 kg]
† Use flexible metal conduit. Push the listed conduit fitting device over the actuator’s cable to butt against
the enclosure. Screw in conduit connector. Jacket the actuators input wiring with listed flexible conduit.
Properly terminate the conduit in a suitable junction box. Rated impulse Voltage 800V. Type of action 1.
Control pollution degree 3.
EVX24-3 Technical Data Sheet
On/Off, Floating Point, Non-Spring Return, Linear, 24 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com