Electronic Components Datasheet Search
  English  ▼

X  

P0170AI Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0170AI
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0170AI Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0170AI Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0170AI Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0170AI Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0170AI Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0170AI Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P0170AI
N-Channel Enhancement Mode MOSFET
MIN
TYP
MAX
700
2.5
3.6
4.5
±250
nA
1
10
10.7
15
Ω
1
S
166
57
3
3.2
1
1
12
50
20
30
1
A
1.4
V
200
nS
0.31
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Turn-On Delay Time
2
Rise Time
2
Reverse Recovery Time
Turn-Off Delay Time
2
Fall Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
IF = 1A, VGS = 0V
IF = 1A, dlF/dt = 100A / mS VGS = 0V
nS
VDD = 350V, ID = 1A, RG= 25Ω
Qgd
trr
Qrr
IS
VSD
td(off)
tf
td(on)
tr
VDS = 10V, ID = 0.5A
Forward Transconductance
1
VGS = 0V, VDS = 25V, f = 1MHz
Zero Gate Voltage Drain Current
STATIC
LIMITS
UNIT
Qg
VDD = 560V, ID = 1A, VGS = 10V
Gate-Source Charge
2
Gate-Drain Charge
2
PARAMETER
SYMBOL
TEST CONDITIONS
gfs
Qgs
Total Gate Charge
2
Crss
Reverse Transfer Capacitance
nC
Output Capacitance
pF
Ciss
Coss
Input Capacitance
DYNAMIC
V
Drain-Source On-State
Resistance
1
IGSS
IDSS
RDS(ON)
Gate-Body Leakage
VDS = 560V, VGS = 0V , TC = 100 °C
Gate Threshold Voltage
Drain-Source Breakdown Voltage
mA
VGS = 10V, ID = 0.5A
VGS(th)
VGS = 0V, ID = 250mA
V(BR)DSS
VDS = 700V, VGS = 0V , TC = 25 °C
VDS = VGS, ID = 250mA
VDS = 0V, VGS = ±30V
Ver 1.0
2
2012/4/16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com