Electronic Components Datasheet Search
  English  ▼

X  

DS75161AN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75161AN
Description  IEEE-488 GPIB Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75161AN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75161AN Datasheet HTML 1Page - National Semiconductor (TI) DS75161AN Datasheet HTML 2Page - National Semiconductor (TI) DS75161AN Datasheet HTML 3Page - National Semiconductor (TI) DS75161AN Datasheet HTML 4Page - National Semiconductor (TI) DS75161AN Datasheet HTML 5Page - National Semiconductor (TI) DS75161AN Datasheet HTML 6Page - National Semiconductor (TI) DS75161AN Datasheet HTML 7Page - National Semiconductor (TI) DS75161AN Datasheet HTML 8Page - National Semiconductor (TI) DS75161AN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF5804
February 1996
DS75160ADS75161ADS75162A
IEEE-488 GPIB Transceivers
General Description
This family of high-speed-Schottky 8-channel bi-directional
transceivers is designed to interface TTLMOS logic to the
IEEE Standard 488-1978 General Purpose Interface Bus
(GPIB) PNP inputs are used at all driver inputs for minimum
loading and hysteresis is provided at all receiver inputs for
added noise margin The IEEE-488 required bus termination
is provided internally with an active turn-off feature which
disconnects the termination from the bus when VCC is re-
moved
The General Purpose Interface Bus is comprised of 16 sig-
nal lines
8 for data and 8 for interface management The
data lines are always implemented with DS75160A and the
management lines are either implemented with DS75161A
in a single-controller system or with DS75162A in a multi-
controller system
Features
Y
8-channel bi-directional non-inverting transceivers
Y
Bi-directional control implemented with TRI-STATE
output design
Y
Meets IEEE Standard 488-1978
Y
High-speed Schottky design
Y
Low power consumption
Y
High impedance PNP inputs (drivers)
Y
500 mV (typ) input hysteresis (receivers)
Y
On-chip bus terminators
Y
No bus loading when VCC is removed
Y
Pin selectable open collector mode on DS75160A driv-
er outputs
Y
Accommodates multi-controller systems
Connection Diagrams
Dual-In-Line Package
TLF5804 – 1
Top View
Order Number DS75160AN or DS75160AWM
See NS Package Number M20B or N20A
Dual-In-Line Package
TLF5804 – 15
Order Number DS75162AWM DS75162AN
See NS Package Number M24B or N24B
Dual In-Line Package
TLF5804 – 16
Order Number DS75161AN or DS75161AWM
See NS Package Number M20B or N20B
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS75161AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75161AN NSC-DS75161AN Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
More results

Similar Description - DS75161AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
DAC488HR ETC-DAC488HR Datasheet
190Kb / 4P
16-bit D/A Converter with Digital I/O & IEEE 488
logo
Texas Instruments
SMJ9914A TI-SMJ9914A Datasheet
766Kb / 18P
GPIB CONTROLLER
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
GPIB TALKER/LISTENER
logo
List of Unclassifed Man...
AM3448A ETC1-AM3448A Datasheet
295Kb / 5P
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER
logo
National Instruments Co...
GPIB-USB-HS NI-GPIB-USB-HS Datasheet
200Kb / 4P
Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
High-Performance IEEE-488 GPIB Interface for USB/PCI
1351774 ETC2-1351774 Datasheet
98Kb / 3P
GPIB unshielded, for use with electronic equipment that is IEEE-488 compatible
logo
Contec Co., Ltd
GP-IBF CONTEC-GP-IBF Datasheet
261Kb / 2P
High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
logo
Belden Inc.
9641 BELDEN-9641 Datasheet
151Kb / 2P
IEEE-488, #26-6pr10c, #24-1c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com