Electronic Components Datasheet Search
  English  ▼

X  

PW370 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW370
Description  Wideband Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW370 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW370 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.prewell.com
2
Wideband Gain Block
SJM PREWELL
PW370
Products and product information are subject to change without notice. Version 0.6
Parameters
Units
Frequency(MHz)
500
900
1500
1900
2300
2600
3000
S21
dB
14.6
14.9
14.8
14.4
14.0
13.6
13.2
S11
dB
-14
-20
-19
-15
-14
-14
-17
S22
dB
-12
-24
-18
-13
-10
-9
-8
P1dB
dBm
16.0
17.8
17.2
16.7
15.3
14.2
13.1
OIP3@3dBm
dBm
33.5
32.5
32.0
31.3
30.2
28.4
25.7
NF
dB
3.6
3.6
3.7
3.8
3.9
4.0
4.4
Typical RF Performance for 1.9GHz Tuned Application Circuit
Supply Bias Voltage = 6V, R(bias)= 20 ohm, Current= 58mA
Recommended Bias Values
SupplyVoltage(V) RbiasValue(ohm)
Size
5.3
8.2
0805
6
20
0805
7
39
1210
8
56
1210
9
75
2010
10
91
2010
12
125
2512
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
25℃
-40℃
85℃
Frequency (GHz)
Gain vs Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-30
-24
-18
-12
-6
0
25℃
-40℃
85℃
Frequency (GHz)
Input Return Loss
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-40
-30
-20
-10
0
25℃
-40℃
85℃
Frequency (GHz)
Output Return Loss
RF IN
RF OUT
56pF
56pF
22nH
56pF
1uF
Supply
Voltage
RBIAS
Gain vs. Frequency
Input Return Loss
Output Return Loss
0.5
1.0
1.5
2.0
2.5
3.0
15
20
25
30
35
40
25℃
-40℃
85℃
Frequency (GHz)
OIP3 vs Frequency
OIP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com