Electronic Components Datasheet Search
  English  ▼

X  

PW370 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW370
Description  Wideband Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW370 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW370 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PW370 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.prewell.com
4
Wideband Gain Block
SJM PREWELL
PW370
Products and product information are subject to change without notice. Version 0.6
0
2
4
6
8
10
-60
-55
-50
-45
-40
-35
-30
25℃
Output Channel Power (dBm)
ACLR vs. Channel Power @ 2140MHz
3GPP WCDMA 6FA, Test Model5 TM1+64DPCH, 5MHz offset
0
2
4
6
8
10
-60
-55
-50
-45
-40
-35
-30
25℃
Output Channel Power (dBm)
ACLR vs. Channel Power @ 1850MHz
3GPP WCDMA 6FA, Test Model5 TM1+64DPCH, 5MHz offset



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com