Electronic Components Datasheet Search
  English  ▼

X  

PW570 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW570
Description  InGaP HBT Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW570 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW570 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PW570
InGaP HBT Gain Block
http://www.prewell.com
April 2014
2
Typical RF Performance for 1.9GHz Tuned Application Circuit
Supply Bias Voltage = 6V, R(bias)= 6.8 ohm, Current= 85mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
8
12
16
20
Gain vs. Frequency
Frequency(GHz)
+25
oC
-40
oC
+85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-25
-20
-15
-10
-5
0
Input Return Loss
Frequency(GHz)
+25
oC
-40
oC
+85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-40
-30
-20
-10
0
Output Return Loss
Frequency (GHz)
+25
oC
-40
oC
+85
oC
0.5
1.0
1.5
2.0
2.5
3.0
25
30
35
40
Output IP3 vs. Frequency
Frequency (GHz)
+25
oC
-40
oC
+85
oC
0.5
1.0
1.5
2.0
2.5
3.0
5
10
15
20
25
P1dB vs. Frequency
Frequency (GHz)
+25
oC
-40
oC
+85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
NF vs. Frequency
Frequency(GHz)
+25
oC
-20
-16
-12
-8
-4
0
4
8
0
5
10
15
20
25
Output Power/Gain vs. Input Power @0.9GHz
Input Power(dBm)
Gain
Output Power
-20
-16
-12
-8
-4
0
4
8
0
5
10
15
20
25
Output Power / Gain vs. Input Power @ 1.9GHz
Input Power(dBm)
Gain
Output Power
4
6
8
10
12
14
-70
-65
-60
-55
-50
-45
-40
IS-95, 9 Ch.Forward, 30 kHz Meas BW, +/- 885 kHz offset
ACPR IS-95A vs. Channel Power
Output Channel Power(dBm)
freq=1.9GHz
Frequency
MHz
500
900
1500
1900
2300
2600
3000
S21
dB
16.3
16.4
16.1
15.9
15.2
15.0
14.6
S11
dB
-14
-18
-16
-13
-12
-12
-12
S22
dB
-13
-26
-20
-14
-11
-11
-12
P1dB
dBm
20
20
20
19
19
18
17
OIP3
dBm
37.6
37.8
36.0
35.0
33.5
32.5
31.5
Noise Figure
dB
3.5
3.5
3.7
3.8
3.9
4.1
4.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com