Electronic Components Datasheet Search
  English  ▼

X  

PW570 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PW570
Description  InGaP HBT Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW570 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PW570 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW570 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PW570
InGaP HBT Gain Block
http://www.prewell.com
April 2014
4
Frequency
3500MHz
S21 : Gain
15.7 dB
S11 : Input Return Loss
-10 dB
S22 : Output Return Loss
-12 dB
Output P1dB
18 dBm
Output IP3 @ 3dBm
29.5 dBm
Supply Voltage
6 V
Current
85 mA
Typical RF Performance for 3.5GHz Tuned Application Circuit
Test Board Information : Rogers 4350B PCB
(Dielectric Constant = 3.48, thick = 0.8mm(32mil))
3000
3200
3400
3600
3800
4000
10
12
14
16
18
20
Gain vs. Frequency
Frequency(MHz)
S21
3000
3200
3400
3600
3800
4000
-25
-20
-15
-10
-5
0
Return Loss
Frequency(MHz)
S11
S22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com