Electronic Components Datasheet Search
  English  ▼

X  

INA848ID Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA848ID
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848ID Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA848ID Datasheet HTML 14Page - Texas Instruments INA848ID Datasheet HTML 15Page - Texas Instruments INA848ID Datasheet HTML 16Page - Texas Instruments INA848ID Datasheet HTML 17Page - Texas Instruments INA848ID Datasheet HTML 18Page - Texas Instruments INA848ID Datasheet HTML 19Page - Texas Instruments INA848ID Datasheet HTML 20Page - Texas Instruments INA848ID Datasheet HTML 21Page - Texas Instruments INA848ID Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
In general, the width of the stopband is between one and two decades, meaning that the highest attenuation is
between 10 to 100 around the middle frequency. This indication is commonly defined as the quality factor (Q
factor) of the filter and is calculated by:
Q=
1
R ®
§LFL
CFL
(4)
The resistor is given by the internal resistor of 6 kΩ; therefore, the damping factor of the filter can further be
affected of the series resistance of the inductor LFL. For stable operation of the filter, choose an inductor in the
range of 100 µH.
9.1.2 Input Bias Current Return Path
The input impedance of the INA848 is extremely high (approximately 100 GΩ). However, a path must be
provided for the input bias current of both inputs. This input bias current is typically 25 nA. High input impedance
means that this input bias current changes little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 9-3 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA848, and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path connects to one input (as shown in the thermocouple example in Figure 9-3).
With a higher source impedance, using two equal resistors provides a balanced input with possible advantages
of a lower input offset voltage as a result of bias current, and better high-frequency common-mode rejection.
Thermocouple
10 NŸ
Microphone,
Hydrophone,
and more
+
±
+
±
+
±
+
±
Transformer
R1
R2
AC Coupling
R3
R4
R5
T1
L1
C2
C1
INA848
INA848
INA848
INA848
+VS
í VS
REF
REF
REF
REF
+VS
í VS
+VS
í VS
+VS
í VS
NOTE: Center tap in the transformer provides bias current return.
Figure 9-3. Providing an Input Common-Mode Current Path
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com