Electronic Components Datasheet Search
  English  ▼

X  

INA848ID Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA848ID
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848ID Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA848ID Datasheet HTML 16Page - Texas Instruments INA848ID Datasheet HTML 17Page - Texas Instruments INA848ID Datasheet HTML 18Page - Texas Instruments INA848ID Datasheet HTML 19Page - Texas Instruments INA848ID Datasheet HTML 20Page - Texas Instruments INA848ID Datasheet HTML 21Page - Texas Instruments INA848ID Datasheet HTML 22Page - Texas Instruments INA848ID Datasheet HTML 23Page - Texas Instruments INA848ID Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Reference Pin
The output voltage of the INA848 is developed with respect to the voltage on the reference pin (REF.)
The voltage source applied to the reference pin of the INA848 must have a low output impedance (RREF > 5 Ω).
Any additional resistance at the reference pin creates an imbalance in the four resistors of the internal difference
amplifier, resulting in degraded common-mode rejection ratio (CMRR).
Voltage reference devices are an excellent option for providing a low-impedance voltage source for the
reference pin. However, if a resistor voltage divider generates a reference voltage, the divider must be buffered
by an op amp, as shown in Figure 9-5, to avoid CMRR degradation.
+
±
100 k
100 k
5 V
5 V
í5 V
1 …F
OUT
INA848
REF
+IN
íIN
5 V
Figure 9-5. Buffer to drive the Reference Voltage
Often in dual-supply operation, the reference pin connects to the low-impedance system ground. The
degradation effect of common-mode rejection ratio is thus neglegible as long as the output voltage (VOUT) is
referred to the reference pin (REF).
In single-supply operation, the output signal is offset to a precise midsupply level (for example, 2.5 V in a 5-V
supply environment). In applications where the output voltage is offset to a reference voltage but referred to
system ground, the degradation effect of common-mode rejection ratio must be considered.
INA848
SBOS946 – SEPTEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com