Electronic Components Datasheet Search
  English  ▼

X  

P0780ATF Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0780ATF
Description  N-Channel High Voltage Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0780ATF Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0780ATF Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P0780ATF/P0780ATFS
N-Channel High Voltage Mode Field Effect Transistor
PRODUCT SUMMARY
V(BR)DSS
TO-220F
TO-220FS
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2Ensure that the channel temperature does not exceed 150°C.
3V
DD = 50V , L = 10mH ,starting TJ = 25°
C.
Junction-to-Case
RqJC
2.2
RqJA
°C / W
UNITS
21
4
ID
IDM
SYMBOL
7
LIMITS
A
V
57
W
SYMBOL
°C
-55 to 150
MAXIMUM
62.5
TC = 25 °C
EAS
Junction-to-Ambient
TYPICAL
THERMAL RESISTANCE
PD
Operating Junction & Storage Temperature Range
RDS(ON)
ID
800V
Continuous Drain Current
2
TC = 100 °C
PARAMETERS/TEST CONDITIONS
1.94Ω @V
GS = 10V
7A
±30
Pulsed Drain Current
1
TC = 100 °C
Power Dissipation
Tj, Tstg
mJ
23
Drain-Source Voltage
VDS
800
VGS
Gate-Source Voltage
Avalanche Energy
3
TC = 25 °C
61
REV 1.1
1
2014-1-14


Similar Part No. - P0780ATF

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P0780ATF NIKOSEM-P0780ATF Datasheet
170Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0780ATFS NIKOSEM-P0780ATFS Datasheet
170Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
More results

Similar Description - P0780ATF

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P0970VTF NIKOSEM-P0970VTF Datasheet
221Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P1570VTF NIKOSEM-P1570VTF Datasheet
154Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0770VD NIKOSEM-P0770VD Datasheet
202Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0865VTF NIKOSEM-P0865VTF Datasheet
204Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0960VD NIKOSEM-P0960VD Datasheet
294Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0960VTF NIKOSEM-P0960VTF Datasheet
297Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P1065VD NIKOSEM-P1065VD Datasheet
202Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P2060VTF NIKOSEM-P2060VTF Datasheet
161Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P0480EF NIKOSEM-P0480EF Datasheet
214Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
P2260WG NIKOSEM-P2260WG Datasheet
218Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com