Electronic Components Datasheet Search
  English  ▼

X  

P0780ATF Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0780ATF
Description  N-Channel High Voltage Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0780ATF Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0780ATF Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0780ATF Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P0780ATF/P0780ATFS
N-Channel High Voltage Mode Field Effect Transistor
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
800
2.5
3.5
4.5
±100
nA
1
100
1.46
1.94
Ω
5
S
1620
95
10
33
9.7
8.7
80
210
110
130
7
A
1.4
V
775
nS
5.5
uC
1Pulse test : Pulse Width
 380 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
nC
VDS = 0V, VGS = ±30V
IDSS
Coss
Crss
pF
Qgs
mA
DYNAMIC
VDS = 800V, VGS = 0V, TC = 25 °C
VDS = VGS, ID = 250mA
Drain-Source Breakdown Voltage
V
LIMITS
UNITS
VGS = 0V, ID = 250mA
V(BR)DSS
TEST CONDITIONS
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
IF = 7A, VGS = 0V
nS
VDD = 400V, ID = 7A,RG = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
IF = 7A, dlF/dt = 100A / μS
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
VDS = 10V, ID = 3.5A
Qgd
Output Capacitance
IGSS
Qg
VDD = 640V, ID = 7A, VGS = 10V
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Total Gate Charge
2
VGS = 10V, ID = 3.5A
VDS = 640V, VGS = 0V, TC = 100 °C
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
Gate-Body Leakage
VGS(th)
RDS(ON)
Input Capacitance
PARAMETER
SYMBOL
Gate Voltage Drain Current
gfs
Gate Threshold Voltage
Forward Transconductance
1
Drain-Source On-State
Resistance
1
STATIC
REV 1.1
2
2014-1-14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com