Electronic Components Datasheet Search
  English  ▼

X  

ADGS1414D Datasheet(PDF) 13 Page - Analog Devices

Part # ADGS1414D
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414D Datasheet(HTML) 13 Page - Analog Devices

Back Button ADGS1414D Datasheet HTML 9Page - Analog Devices ADGS1414D Datasheet HTML 10Page - Analog Devices ADGS1414D Datasheet HTML 11Page - Analog Devices ADGS1414D Datasheet HTML 12Page - Analog Devices ADGS1414D Datasheet HTML 13Page - Analog Devices ADGS1414D Datasheet HTML 14Page - Analog Devices ADGS1414D Datasheet HTML 15Page - Analog Devices ADGS1414D Datasheet HTML 16Page - Analog Devices ADGS1414D Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADGS1414D
Rev. 0 | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. On Resistance vs. VS or VD for Various Dual Supplies, ±10 V to
±16.5 V
Figure 7. On Resistance vs. VS or VD for Various Dual Supplies, ±4.5 V to
±7 V
Figure 8. On Resistance vs. VS or VD for Various Single Supplies
Figure 9. On Resistance vs. VS or VD for Various Temperatures,
±15 V Dual Supply
Figure 10. On Resistance vs. VS or VD for Various Temperatures,
±5 V Dual Supply
Figure 11. On Resistance vs. VS or VD for Various Temperatures,
12 V Single Supply
2.5
2.0
1.5
1.0
0.5
0
–16.5
–12.5
–8.5
–4.5
–0.5
3.5
7.5
15.5
VS OR VD (V)
11.5
VDD = +16.5V,
VSS = –16.5V
TA = 25°C
IS = –10mA
VDD = +15V,
VSS = –15V
VDD = +13.5V,
VSS = –13.5V
VDD = +12V,
VSS = –12V
VDD = +10V,
VSS = –10V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–7
–6
–5
–3
–1
–4
–2
0
1
6
VS OR VD (V)
3
4
7
5
2
TA = 25°C
IS = –10mA
VDD = +7V,
VSS = –7V
VDD = +5.5V,
VSS = –5.5V
VDD = +5V,
VSS = –5V
VDD = +4.5V,
VSS = –4.5V
7
6
5
4
3
2
1
0
0
14
12
10
8
6
4
2
VS OR VD (V)
TA = 25°C
IS = –10mA
VDD = 15V,
VSS = 0V
VDD = 13.2V,
VSS = 0V
VDD = 12V,
VSS = 0V
VDD = 10.8V,
VSS = 0V
VDD = 8V,
VSS = 0V
VDD = 5V,
VSS = 0V
3.0
2.5
2.0
1.5
1.0
0.5
0
–15
15
10
5
0
–5
–10
VS OR VD (V)
VDD = +15V
VSS = –15V
IS = –10mA
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VS OR VD (V)
VDD = +5V
VSS = –5V
IS = –10mA
TA = +25°C
TA = +85°C
TA = –40°C
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
12
10
8
6
4
2
VS OR VD (V)
VDD = 12V
VSS = 0V
IS = –10mA
TA = +25°C
TA = +85°C
TA = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com