Electronic Components Datasheet Search
  English  ▼

X  

ADGS1414D Datasheet(PDF) 21 Page - Analog Devices

Part # ADGS1414D
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414D Datasheet(HTML) 21 Page - Analog Devices

Back Button ADGS1414D Datasheet HTML 17Page - Analog Devices ADGS1414D Datasheet HTML 18Page - Analog Devices ADGS1414D Datasheet HTML 19Page - Analog Devices ADGS1414D Datasheet HTML 20Page - Analog Devices ADGS1414D Datasheet HTML 21Page - Analog Devices ADGS1414D Datasheet HTML 22Page - Analog Devices ADGS1414D Datasheet HTML 23Page - Analog Devices ADGS1414D Datasheet HTML 24Page - Analog Devices ADGS1414D Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADGS1414D
Rev. 0 | Page 21 of 28
SCLK Count Error Detection
SCLK count error detection allows the user to detect if an incorrect
number of SCLK cycles are sent by the microcontroller or CPU.
When in address mode, with CRC disabled, 16 SCLK cycles are
expected. If 16 SCLK cycles are not detected, the SCLK count
error flag asserts in the error flags register. When less than
16 SCLK cycles are received by the device, a write to the register
map does not occur. When the ADGS1414D receives more
than 16 SCLK cycles, a write to the memory map still occurs at
the 16th SCLK rising edge, and the flag asserts in the error flags
register. With CRC enabled, the expected number of SCLK
cycles is 24. SCLK count error detection is enabled by default
and can be configured by the user through the error
configuration register.
Invalid Read and Write Address Error
An invalid read and write address error detects when a nonexistent
register address is a target for a read or write. In addition, this
error asserts when a write to a read only register is attempted.
The invalid read and write address error flag asserts in the error
flags register when an invalid read and write address error occurs.
The invalid read and write address error is detected on the ninth
SCLK rising edge, which means a write to the register does not
occur when an invalid address is targeted. Invalid read and
write address error detection is enabled by default and can be
disabled by the user through the error configuration register.
CLEARING THE ERROR FLAGS REGISTER
To clear the error flags register, write the special 16-bit SPI
frame, 0x6CA9, to the device. This SPI command does not
trigger the invalid R/W address error. When CRC is enabled,
the user must also send the correct CRC byte for a successful
error clear command. At the 16th or 24th SCLK rising edge, the
error flags register resets to zero.
BURST MODE
The SPI can accept consecutive SPI commands without the need
to deassert the CS line, which is called burst mode. Burst mode
is enabled through the burst enable register. This mode uses the
same 16-bit command to communicate with the device. In
addition, the response of the device at SDO is still aligned with
the corresponding SPI command. Figure 41 shows an example
of SDI and SDO during burst mode.
The invalid read and write address and CRC error checking
functions operate similarly during burst mode as these error
checking functions do during address mode. However, SCLK
count error detection operates in a slightly different manner.
The total number of SCLK cycles within a given CS frame are
counted, and if the total is not a multiple of 16, or a multiple of
24 when CRC is enabled, the SCLK count error flag asserts.
Figure 41. Burst Mode Frame
SOFTWARE RESET
When in address mode, the user can initiate a software reset by
writing two consecutive SPI commands, 0xA3 followed by
0x05, targeting Register 0x0B. After a software reset, all register
values are set to default.
DAISY-CHAIN MODE
The connection of several ADGS1414D devices in a daisy-chain
configuration is possible, and Figure 42 illustrates this setup. All
devices share the same CS, SCLK, and VL line, whereas the SDO of
a device forms a connection to the SDI of the next device, creating
a shift register. In daisy-chain mode, SDO is an eight cycle delayed
version of SDI. When in daisy-chain mode, all commands target
the switch data register. Therefore, it is not possible to make
configuration changes while in daisy-chain mode.
Figure 42. Two ADGS1414D Devices Connected in a Daisy-Chain Configuration
SDO
COMMAND0[15:0]
RESPONSE0[15:0]
COMMAND1[15:0]
RESPONSE1[15:0]
COMMAND2[15:0]
RESPONSE2[15:0]
COMMAND3[15:0]
RESPONSE3[15:0]
SDI
CS
SDI
SCLK
CS
VL
SDO
ADGS1414D
DEVICE 1
S5
S4
S3
S1
D5
S6
D6
S7
D7
S8
D8
D4
D3
D1
S2
D2
SPI
INTERFACE
SDO
ADGS1414D
DEVICE 2
S5
S4
S3
S1
D5
S6
D6
S7
D7
S8
D8
D4
D3
D1
S2
D2
SPI
INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com