Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5009 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 27Page - Texas Instruments LP5009 Datasheet HTML 28Page - Texas Instruments LP5009 Datasheet HTML 29Page - Texas Instruments LP5009 Datasheet HTML 30Page - Texas Instruments LP5009 Datasheet HTML 31Page - Texas Instruments LP5009 Datasheet HTML 32Page - Texas Instruments LP5009 Datasheet HTML 33Page - Texas Instruments LP5009 Datasheet HTML 34Page - Texas Instruments LP5009 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Return to Table 8-4.
Figure 8-27. OUT3_COLOR Register
7
6
5
4
3
2
1
0
OUT3_Color
R/ W-00h
Table 8-20. OUT3_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT3_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.16 OUT4_COLOR (Address = 0Fh) [reset = 00h]
OUT4_COLOR is shown in Figure 8-28 and described in Table 8-21.
Return to Table 8-4.
Figure 8-28. OUT4_COLOR Register
7
6
5
4
3
2
1
0
OUT4_Color
R/ W-00h
Table 8-21. OUT4_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT4_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.17 OUT5_COLOR (Address = 10h) [reset = 00h]
OUT5_COLOR is shown in Figure 8-29 and described in Table 8-22.
Return to Table 8-4.
Figure 8-29. OUT5_COLOR Register
7
6
5
4
3
2
1
0
OUT5_Color
R/ W-00h
Table 8-22. OUT5_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT5_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
www.ti.com
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com