Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5009 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments LP5009 Datasheet HTML 10Page - Texas Instruments LP5009 Datasheet HTML 11Page - Texas Instruments LP5009 Datasheet HTML 12Page - Texas Instruments LP5009 Datasheet HTML 13Page - Texas Instruments LP5009 Datasheet HTML 14Page - Texas Instruments LP5009 Datasheet HTML 15Page - Texas Instruments LP5009 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
8 Detailed Description
8.1 Overview
The LP50xx device is an 9- or 12-channel constant-current-sink LED driver. The LP50xx device includes all
necessary power rails, an on-chip oscillator, and a two-wire serial I2C interface. The maximum constant-current
value of all channels is set by a single external resistor. Two hardware address pins allow up to four devices on
the same bus. An automatic power-saving mode is implemented to keep the total current consumption under 10
µA, which makes the LP50xx device a potential choice for battery-powered end equipment.
The LP50xx device is optimized for RGB LEDs regarding both live effects and software efforts. The LP50xx
device controls each LED output with 12-bit PWM resolution at 29-kHz switching frequency, which helps achieve
a smooth dimming effect and eliminates audible noise. The independent color-mixing and intensity-control
registers make the software coding straightforward. When targeting a fade-in, fade-out type breathing effect, the
global RGB bank control reduces the microcontroller loading significantly. The LP50xx device also implements a
PWM phase-shifting function to help reduce the input power budget when LEDs turn on simultaneously.
8.2 Functional Block Diagram
OUT0
VLED
12 Bits
29 kHz
PWM
Generators
VCC
Bandgap
IREF Setting Current
Digital
Interface
V1P8
LDO
Digital Control
Oscillator
15MHz
Thermal Shutdown
OUT1
OUT2
OUT9
OUT10
OUT11
GND
VCC
VCAP
EN
SDA
SCL
ADDR0
ADDR1
IREF
8.3 Feature Description
8.3.1 PWM Control for Each Channel
Most traditional LED drivers are designed for the single-color LEDs, in which the high-resolution PWM generator
is used for intensity control only. However, for RGB LEDs, both the color mixing and intensity control must be
addressed to achieve the target effect. With the traditional solution, the users must handle the color mixing and
intensity control simultaneously with a single PWM register. Several undesired effects occur: the limited dimming
steps, the complex software design and the color distortion when using a logarithmic scale control.
The LP50xx device is designed with independent color mixing and intensity control, which makes the RGB LED
effects fancy and the control experience straightforward. With the inputs of the color-mixing register and the
intensity-control register, the final PWM generator output for each channel is 12-bit resolution and 29-kHz
dimming frequency, which helps achieve a smooth dimming effect and eliminates audible noise. See Figure 8-1.
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com