Electronic Components Datasheet Search
  English  ▼

X  

RM44L920APGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # RM44L920APGET
Description  RM44Lx20 16- and 32-Bit RISC Flash Microcontroller
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RM44L920APGET Datasheet(HTML) 3 Page - Texas Instruments

  RM44L920APGET Datasheet HTML 1Page - Texas Instruments RM44L920APGET Datasheet HTML 2Page - Texas Instruments RM44L920APGET Datasheet HTML 3Page - Texas Instruments RM44L920APGET Datasheet HTML 4Page - Texas Instruments RM44L920APGET Datasheet HTML 5Page - Texas Instruments RM44L920APGET Datasheet HTML 6Page - Texas Instruments RM44L920APGET Datasheet HTML 7Page - Texas Instruments RM44L920APGET Datasheet HTML 8Page - Texas Instruments RM44L920APGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 165 page
background image
3
RM44L920, RM44L520
www.ti.com
SPNS229C – OCTOBER 2014 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: RM44L920 RM44L520
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
1.3
Description
The RM44Lx20 device is part of the Hercules RM series of high-performance industrial-grade ARM®
Cortex®-R-based MCUs. Comprehensive documentation, tools, and software are available to assist in the
development of IEC 61508 functional safety applications. Start evaluating today with the Hercules RM
LaunchPad Development Kit. The RM44Lx20 device has on-chip diagnostic features including: dual CPUs
in lockstep; CPU and memory Built-In Self-Test (BIST) logic; ECC on both the flash and the SRAM; parity
on peripheral memories; and loopback capability on most peripheral I/Os.
The RM44Lx20 device integrates the ARM Cortex-R4F floating-point CPU which offers an efficient 1.66
DMIPS/MHz, and has configurations which can run up to 180 MHz providing up to 298 DMIPS. The
RM44Lx20 device supports the little-endian [LE] format.
The RM44Lx20 device has up to 1MB of integrated flash and 128KB of RAM configurations with single-bit
error correction and double-bit error detection. The flash memory on this device is nonvolatile, electrically
erasable and programmable, and is implemented with a 64-bit-wide data bus interface. The flash operates
on a 3.3-V supply input (same level as the I/O supply) for all read, program, and erase operations. The
SRAM supports single-cycle read and write accesses in byte, halfword, word, and doubleword modes
throughout the supported frequency range.
The RM44Lx20 device features peripherals for real-time control-based applications, including two Next-
Generation High-End Timer (N2HET) timing coprocessors with up to 44 total I/O terminals, seven
Enhanced PWM (ePWM) modules with up to 14 outputs, six Enhanced Capture (eCAP) modules, two
Enhanced Quadrature Encoder Pulse (eQEP) modules, and two 12-bit Analog-to-Digital Converters
(ADCs) supporting up to 24 inputs.
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse-width-modulated outputs,
capture or compare inputs, or general-purpose I/O (GIO). The N2HET is especially well suited for
applications requiring multiple sensor information and drive actuators with complex and accurate time
pulses. A High-End Timer Transfer Unit (HTU) can transfer N2HET data to or from main memory. A
Memory Protection Unit (MPU) is built into the HTU.
The ePWM module can generate complex pulse width waveforms with minimal CPU overhead or
intervention. The ePWM is easy to use and supports complementary PWMs and deadband generation.
With integrated trip zone protection and synchronization with the on-chip MibADC, the ePWM is ideal for
digital motor control applications.
The eCAP module is essential in systems where the accurately timed capture of external events is
important. The eCAP can also be used to monitor the ePWM outputs or to generate simple PWM when
not needed for capture applications.
The eQEP module is used for direct interface with a linear or rotary incremental encoder to get position,
direction, and speed information from a rotating machine as used in high-performance motion and
position-control systems.
The device has two 12-bit-resolution MibADCs with 24 total inputs and 64 words of parity-protected buffer
RAM each. The MibADC channels can be converted individually or can be grouped by software for
sequential conversion sequences. Sixteen inputs are shared between the two MibADCs. There are three
separate groups. Each group can be converted once when triggered or configured for continuous
conversion mode. The MibADC has a 10-bit mode for use when compatibility with older devices or faster
conversion time is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com