Electronic Components Datasheet Search
  English  ▼

X  

RM44L920APGET Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # RM44L920APGET
Description  RM44Lx20 16- and 32-Bit RISC Flash Microcontroller
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RM44L920APGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button RM44L920APGET Datasheet HTML 17Page - Texas Instruments RM44L920APGET Datasheet HTML 18Page - Texas Instruments RM44L920APGET Datasheet HTML 19Page - Texas Instruments RM44L920APGET Datasheet HTML 20Page - Texas Instruments RM44L920APGET Datasheet HTML 21Page - Texas Instruments RM44L920APGET Datasheet HTML 22Page - Texas Instruments RM44L920APGET Datasheet HTML 23Page - Texas Instruments RM44L920APGET Datasheet HTML 24Page - Texas Instruments RM44L920APGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
21
RM44L920, RM44L520
www.ti.com
SPNS229C – OCTOBER 2014 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: RM44L920 RM44L520
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4.2.1.18 Supply for I/O Cells: 3.3V nominal
Table 4-18. PGE Supply for I/O Cells: 3.3V nominal
Terminal
Signal
Type
Reset Pull
State
Pull Type
Description
Signal Name
144
PGE
VCCIO
10
3.3-V
Power
–
None
Operating supply for I/Os
VCCIO
26
VCCIO
42
VCCIO
104
VCCIO
120
VCCIO
136
4.2.1.19 Ground Reference for All Supplies Except VCCAD
Table 4-19. PGE Ground Reference for All Supplies Except VCCAD
Terminal
Signal
Type
Reset Pull
State
Pull Type
Description
Signal Name
144
PGE
VSS
11
Ground
–
None
Ground reference
VSS
21
VSS
27
VSS
28
VSS
43
VSS
44
VSS
47
VSS
50
VSS
56
VSS
88
VSS
102
VSS
103
VSS
115
VSS
121
VSS
122
VSS
135
VSS
138
VSS
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com