Electronic Components Datasheet Search
  English  ▼

X  

BES025U Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES025U
Description  BES M08EA-PSC20B-EP00,3-GS49
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES025U Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES025U Datasheet HTML 1Page - Balluff Korea Ltd. BES025U Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES G06K40-PSC15B-FP02
Order Code: BES025U
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 161940
ETIM 6.0: EC002714
BES025U_0.32_2020-03-05
1 / 2
1) Sensing surface
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Cable diameter D
2.10 mm
Cable length L
2 m
Conductor cross-section
0.073 mm²
Connection type
Cable, 2.00 m, PUR
Number of conductors
3
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.2 µF
Min. operating current Im
1 mA
No-load current Io max., damped
9 mA
No-load current Io max., undamped
3 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
Open collector
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
150 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ready delay tv max.
20 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
3000 Hz
Utilization category
DC -13
Voltage drop static max.
2.5 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP65
Functional safety
MTTF (40 °C)
830 a


Similar Part No. - BES025U

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0251 BALLUFF-BES0251 Datasheet
114Kb / 2P
Inductive Sensors
2023-06-21
BES0256 BALLUFF-BES0256 Datasheet
116Kb / 3P
Inductive Sensors
2023-06-21
BES0257 BALLUFF-BES0257 Datasheet
108Kb / 2P
Inductive Sensors
BES0258 BALLUFF-BES0258 Datasheet
118Kb / 3P
Inductive Sensors
BES0259 BALLUFF-BES0259 Datasheet
102Kb / 2P
Inductive Sensors
2023-06-21
More results

Similar Description - BES025U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BES-4800M ETC-BES-4800M Datasheet
417Kb / 1P
BES-4800M
logo
Balluff Korea Ltd.
BES01AN BALLUFF-BES01AN Datasheet
107Kb / 2P
BES 516-324-G-E4-C-S49-00,2
BES043H BALLUFF-BES043H Datasheet
99Kb / 2P
BES M18MI-NSC80B-BV02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com